Part Number Hot Search : 
CERA44U LD1026 TDA3803A A7812 AD5252 1N5471A RB551 30007
Product Description
Full Text Search
 

To Download 12-81250-610C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bristol, pa 19007-6810 usa tel (215) 781-9956 ? fax (215) 781-9845 printouts of this document may be out of date and should be considered uncontrolled ? info@arieselec.com www.arieselec.com features ? ideal for elevating devices (displays, switches, etc.) to desired level with .240 to 1.250 [6.10 to 31.75] height extension. general specifications ? standard socket body: spacer black ul 94v-0 glass-filled 4/6 nylon ? pin body: brass 360 1/2-hard per uns c36000 astm b16/b16m-05 ? pin body plating: either 10 [0.25] min. au per mil-g-45204 or 200 [5.08] min. 93/7 sn/pb per astm b545 or 200 [5.08] min. sn per astm b545 type 1 over 100 [2.54] min. ni per sae ams-qq-n-290b ? 4-finger collet contact: becu per uns c17200 astm b194-08 ? contact plating: 30 [0.76] min. au per mil-g-45204 over 50 [1.27] min. ni per sae ams-qq-n-290b ? contact current rating: 3 amps ? operating temperature: -67f to 221f [-55c to 105c] ? insertion force: 180g/pin, based on 0.018 [0.46] dia. test lead ? withdrawal force: 90g/pin, based on 0.018 [0.46] dia. test lead ? normal force: 140g/pin, based on 0.018 [0.46] dia. test lead ? accepts leads: 0.015-0.025 [0.38-0.64] dia., 0.110- 0.150 [2.79-3.81] long mounting considerations ? suggested pcb hole size: 0.035 0.002 [0.89 0.05] dia. 13008 rev. ab series 8xxx collet elevator socket on 0.300 [7.62] and 0.600 [15.24] centers customization : in addition to the standard products shown on this page, aries specializes in custom design and production. special materials, platings, sizes, and configurations can be furnished, depending on the quantity. note : aries reserves the right to change product general specifications without notice. all dimensions in inches [millimeters] consult factory for non-standard sizes all tolerances 0.005 [0.13] unless otherwise specified w # pins per row x 0.100 [2.54] x (# pins per row -1) x 0.100 [2.54] order ing information xx - 8 xxxx - x 10 c xx no. of pins (see table) series seating plane height 0.240 [6.10] to 1.250 [31.75] example: 0.240 height = -8240 1.250 height = 81250- optional suffix tl = sn/pb-plated solder pin tail collet style sn-plated solder pin tail row-to-row spacing 3: y = 0.300 [7.62] 6: y = 0.600 [15.24] centers y dim. z body style available sizes 0.300 [7.62] 0.400 [10.16] c b 6 thru 20 22 thru 40 0.600 [15.24] 0.700 [17.78] c b 6 thru 40 42 thru 48 consult data sheet 13007 for collet elevator sockets on 0.200 [5.08] centers. consult data sheet 13006 for elevator sockets with bifurcated contacts.


▲Up To Search▲   

 
Price & Availability of 12-81250-610C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X